PART |
Description |
Maker |
ST62T30BM6_TR ST62T30BM6 ST62P30BM6 ST62P30BM3 ST6 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI, UART AND 28 PINS
|
STMicroelectronics
|
ST72T63 ST72T632K1M1 ST72631K1D0 ST72E631K2D1 ST72 |
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C 低速USB 8高达16K的内存位微控制器系列,高12字节RAM位ADC,水分散粒剂,定时器,SCI Single Ended Cordset; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:5m; Current Rating:10A; No. of Contacts:4; Wire Size (AWG):14 RoHS Compliant: Yes
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
ST6232B ST6232BB6 ST6232BB3 ST6232BQ3 ST6232BB1 ST |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, ADC, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI, UART & 52, 42 PINS
|
ST Microelectronics
|
ULS-2813H-883 ULS-2823H-883 ULS-2803H-883 ULS-2814 |
ST7263 - LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 16K MEMORY, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C ST6253C/ST6260C/ST6263C - 8-BIT OTP/EPROM/FASTROM/ROM MCUS WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT Octal D type flip flop TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE 八进制外设驱 Single inverter (open drain) 八进制外设驱 ST7263 - LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 16K MEMORY, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C 八进制外设驱 WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 八进制外设驱
|
Allegro MicroSystems, Inc.
|
ST72753 ST72753L4 ST72753L5 ST72753L6 5508 |
From old datasheet system 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC,TIMER, SYNC, PWM/BRM, DDC/DMA & I 2 C 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
HT1611C |
Timer with Dialer Interface
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc]
|
ST72F63BK1M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
SGS Thomson Microelectronics
|
ST7263BK2B1/GEN ST7263BK4 ST72P63BK2B1 ST72P63BK4B |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
ST Microelectronics
|
ST72611F1B1/GEN ST72611F1M1/GEN |
ST7261 - LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH MEMORY, LVD, WDG, TIMER
|
ST Microelectronics
|
ST7265AR6M1 ST7265C6M0 ST7265L6M0 ST7265C6M0E ST72 |
LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI 低功耗,全速USB 8位微控制2K快闪5k需要内存,闪存卡的I /楼,定时器,PWM,ADC的而I2C,SPI ST7 - LOW-POWER. FULL-SPEED USB 8-BIT MCU WITH 32K FLASH. 5K RAM. FLASH CARD I/F. TIMER. PWM. ADC. I2C
|
意法半导 STMicroelectronics N.V.
|
|